Part Number Hot Search : 
MM1385 LA4275 MA4E2513 6N136 U1451A 50002 T89C5115 PRODUCTS
Product Description
Full Text Search
 

To Download UNR9212G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors with built-in resistor 1 publication date: july 2008 sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). unr921xg series silicon npn epitaxial planar type for digital circuits features ? costs can be reduced through downsizing of the equipment and reduction of the number of parts. ? ss-mini type package, allowing automatic insertion through tape packing. resistance by part number marking symbol (r 1 )(r 2 ) ? unr9210g 8l 47 k ?? ? unr9211g 8a 10 k ? 10 k ? ? UNR9212G 8b 22 k ? 22 k ? ? unr9213g 8c 47 k ? 47 k ? ? unr9214g 8d 10 k ? 47 k ? ? unr9215g 8e 10 k ?? ? unr9216g 8f 4.7 k ?? ? unr9217g 8h 22 k ?? ? unr9218g 8i 0.51 k ? 5.1 k ? ? unr9219g 8k 1 k ? 10 k ? ? unr921ag 8x 100 k ? 100 k ? ? unr921bg 8y 100 k ?? ? unr921cg 8z ? 47 k ? ? unr921dg 8m 47 k ? 10 k ? ? unr921eg 8n 47 k ? 22 k ? ? unr921fg 8o 4.7 k ? 10 k ? ? unr921kg 8p 10 k ? 4.7 k ? ? unr921lg 8q 4.7 k ? 4.7 k ? ? unr921mg el 2.2 k ? 47 k ? ? unr921ng ex 4.7 k ? 47 k ? ? unr921tg ez 22 k ? 47 k ? ? unr921vg fd 2.2 k ? 2.2 k ? absolute maximum ratings t a = 25 c parameter symbol rating unit collector-base voltage (emitter open) v cbo 50 v collector-emitter voltage (base open) v ceo 50 v collector current i c 100 ma total power dissipation p t 125 mw junction temperature t j 125 c storage temperature t stg ? 55 to + 125 c b c e r 1 r 2 package ? code ssmini3-f3 ? pin name 1: base 2: emitter 3: collector internal connection maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://panasonic.net/sc/en
2 unr921xg series transistors with built-in resistor sjh00241bed this product complies with the rohs directive (eu 2002/95/ec).  electrical characteristics t a = 25 c 3 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = 10 a, i e = 050 v collector-emitter voltage (base open) v ceo i c = 2 ma, i b = 050v collector-base cut-off current (emitter open) i cbo v cb = 50 v, i e = 0 0.1 a collector-emitter cut-off current (base open) i ceo v ce = 50 v, i b = 0 0.5 a emitter- unr9210g/9215g/ i ebo v eb = 6 v, i c = 0 0.01 ma base 9216g/9217g/921bg cut-off unr9213g/921ag 0.1 current UNR9212G/9214g/921dg/ 0.2 (collector 921eg/921mg/921ng/921tg open) unr9211g 0.5 unr921fg/921kg 1.0 unr9219g 1.5 unr9218g/921cg/921lg/921vg 2.0 forward unr921vg h fe v ce = 10 v, i c = 5 ma 6 20  current unr9218g/921kg/921lg 20 transfer unr9219g/921dg/921fg 30 ratio unr9211g 35 UNR9212G/921eg 60 unr9213g/9214g/ 80 921ag/921cg/921mg unr921ng/921tg 80 400 unr9210g/9215g/ 160 460 9216g/9217g/921bg collector-emitter saturation voltage v ce(sat) i c = 10 ma, i b = 0.3 ma 0.25 v unr921vg i c = 10 ma, i b = 1.5 ma output voltage high-level v oh v cc = 5 v, v b = 0.5 v, r l = 1 k  4.9 v output voltage low-level v ol v cc = 5 v, v b = 2.5 v, r l = 1 k  0.2 v unr9213g/921bg/921kg v cc = 5 v, v b = 3.5 v, r l = 1 k  unr921dg v cc = 5 v, v b = 10 v, r l = 1 k  unr921eg v cc = 5 v, v b = 6 v, r l = 1 k  unr921ag v cc = 5 v, v b = 5 v, r l = 1 k  transition frequency f t v cb = 10 v, i e = ? 2 ma, f = 200 mhz 150 mhz input unr9218g r 1 ? 30% 0.51 + 30% k  resistance unr9219g 1 unr921mg/921vg 2.2 unr9216g/921fg/921lg/921ng 4.7 unr9211g/9214g/9215g/921kg 10 UNR9212G/9217g/921tg 22 unr9210g/9213g/921dg/921eg 47 unr921ag/921bg 100 note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors.
3 transistors with built-in resistor unr921xg series sjh00241bed this product complies with the rohs directive (eu 2002/95/ec).  electrical characteristics (continued) t a = 25 c 3 c characteristics charts of unr9210g i c  v ce v ce(sat)  i c h fe  i c common characteristics chart p t  t a 0 0 160 40 120 80 150 125 100 75 50 25 ambient temperature t a ( = = ? ? ? / = = ? = = ? ? / / / ///
4 unr921xg series transistors with built-in resistor sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr9211g i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o 0 10 ? = = = = = ? ? ? = = = = ? ? ? / = = ? = = ? ? = = = = = ? ? ? = =
5 transistors with built-in resistor unr921xg series sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of UNR9212G i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr9213g i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = = ? ? ? / = = ? = = ? ? = = = = = ? ? ? = = = = ? ? ? / = = ? = = ?
6 unr921xg series transistors with built-in resistor sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr9214g i c  v ce v ce(sat)  i c h fe  i c 0 10 ? = = = = = ? ? ? = = = = ? ? ? / = = ? = = ? ? = = = = = ? ? ? = =
7 transistors with built-in resistor unr921xg series sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr9215g i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr9216g i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o 0 012 210 48 6 40 120 80 160 t a = = ? ? ? / = = ? = = ? ? = = = = = ? ? ? = = = = ? ? ? / = = ? = = ?
8 unr921xg series transistors with built-in resistor sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr9217g i c  v ce v ce(sat)  i c h fe  i c 0 10 ? = = = = = ? ? ? = = = = ? ? ? / = = ? = = ? ? = = = = = ? ? ? ? = =
9 transistors with built-in resistor unr921xg series sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr9218g i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr9219g i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o 0 240 200 160 120 80 40 012 210 48 6 i b = = ? ? ? / = ? = = ? = ? = = = = = ? ? ? = = = = ? ? ? / = ? = = ? =
10 unr921xg series transistors with built-in resistor sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr921ag i c  v ce v ce(sat)  i c h fe  i c 0 6 5 4 3 2 1 10 ? = = = = = ? ? ? = = = = ? ? ? / = ? = ? = ? = = = ? ? = = = =
11 transistors with built-in resistor unr921xg series sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr921bg i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr921cg i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o t a = = ? ? ? / = ? = = ? = = = = = ? ? ? = = = = ? ? / = ? = = ? =
12 unr921xg series transistors with built-in resistor sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr921dg i c  v ce v ce(sat)  i c h fe  i c 0 10203040 f = = ? = = ? = = = = ? ? ? / = ? = = ? = ? = = = = = ? ? ? = =
13 transistors with built-in resistor unr921xg series sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr921eg i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr921fg i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o 012 210 48 6 0 60 50 40 30 20 10 t a = = ? ? ? / = = ? = = ? ? = = = ? ? ? = = = = = = ? ? ? / = = ? = = ?
14 unr921xg series transistors with built-in resistor sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb v in  i o characteristics charts of unr921kg i c  v ce v ce(sat)  i c h fe  i c 0 10 ? = = = = = ? ? ? = = = = ? ? / = ? = = ? = = = = ? ? ? = =
15 transistors with built-in resistor unr921xg series sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr921lg i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr921mg i c  v ce v ce(sat)  i c h fe  i c c ob  v cb v in  i o 012 210 48 6 0 240 200 160 120 80 40 i b = = ? ? / = ? = = ? = = = = ? ? ? = = = = ? ? ? / = = ? = = ?
16 unr921xg series transistors with built-in resistor sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr921ng i c  v ce v ce(sat)  i c h fe  i c 0 10 ? = = = = = ? ? ? = = = = ? ? / = ? = = ? = = = = = = ? ? ? = =
17 transistors with built-in resistor unr921xg series sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr921tg characteristics charts of unr921vg i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o i c  v ce v ce(sat)  i c h fe  i c 0 02 10 48 6 40 120 80 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) 0.8 ma 0.7 ma 0.6 ma 0.4 ma 0.3 ma 0.2 ma 0.1 ma i b = = ? = / = ? ? = = ? ? ? = = ? ? ? ? = = = = ? ? / = ? = = ? =
18 unr921xg series transistors with built-in resistor sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o 11010 2 0 6 5 4 3 2 1 f = = = = = ? ? ? = =
19 transistors with built-in resistor unr921xg series sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). 1.00 0.05 (0.50) (0.50) 1.60 +0.05 ? 0.03 0.26 +0.05 ? 0.02 12 3 0.85 +0.05 ? 0.03 1.60 0.05 0.70 +0.05 ? 0.03 0 to 0.10 (5 ) (0.45) 0.13 +0.05 ? 0.02 0.375 0.05 (5 ) ssmini3-f3 unit: mm
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd.


▲Up To Search▲   

 
Price & Availability of UNR9212G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X